PART |
Description |
Maker |
RN5RK301B-TL RN5RK302A-TL RN5RK301A RN5RK301A-TR R |
SOT-23-5 VFM STEP-UP DC/DC CONVERTER 采用SOT - 23 - 5 VFM的升压型DC / DC变换 SOT-23-5 VFM STEP-UP DC/DC CONVERTER 0.5 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 SOT-23-5 VFM STEP-UP DC/DC CONVERTER SWITCHING CONTROLLER, PDSO5 Power Management ICs 电源管理IC IC LOGIC 3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER 5V -40 85C QSOP-28 49/TUBE
|
Ricoh Co., Ltd. Electronic Theatre Controls, Inc. RICOH COMPANY LTD
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
LTC1628IG-SYNCPBF LTC1628-SYNC-15 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
MAX711ESE-T MAX711ESET |
3.3V/5V or Adjustable, Step-Up Step-Down DC-DC Converters 0.7 A SWITCHING REGULATOR, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX618 MAX618EEE |
28V, PWM, Step-Up DC-DC Converter 28V / PWM / Step-Up DC-DC Converter 3.3-V ABT Scan Test Devices With 18-Bit Universal Bus Transceivers 68-CFP -55 to 125 3 A SWITCHING REGULATOR, 312 kHz SWITCHING FREQ-MAX, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
RH5RI301B-T1 RH5RI501B-T1 RH5RIXX3B RH5RIXX2B RH5R |
Power Management ICs VFM STEP-UP DC/DC CONVERTER 0.25 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 VFM STEP-UP DC/DC CONVERTER 0.05 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3 VFM STEP-UP DC/DC CONVERTER 衡工量值式升压型DC / DC变换 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO5 0.05 A SWITCHING CONTROLLER, 100 kHz SWITCHING FREQ-MAX, PSSO3 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSSO3
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
LTC1430ISPBF LTC1430-15 |
High Power Step-Down Switching Regulator Controller Isolated Flyback Switching Regulator with 9V Output SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|